Part Number Hot Search : 
334J4 IRL520 USF5J49 1N3333A XN04110 1M168VS ZD15V LTC1474
Product Description
Full Text Search
 

To Download B0110A7575P00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model BD2326L50200A00
Rev C
Ultra Small Low Profile 0603 Balun 50 to 200 Balanced
Description
The BD2326L50200A00 is an ultra-small low profile balanced to unbalanced transformer designed for differential inputs and output locations on next generation wireless chipsets in an easy to use surface mount package covering 802.11b+g+n. The BD2326L50200A00 is ideal for high volume manufacturing and is higher performance than traditional ceramic baluns. The BD2326L50200A00 has an unbalanced port impedance of 50 and a 200 balanced port impedance. This transformation enables single ended signals to be applied to differential ports on modern integrated chipsets. The output ports have equal amplitude (-3dB) with 180 degree phase differential. The BD2326L50200A00 is available on tape and reel for pick and place high volume manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25C) * * * * * * * * * *
Features:
2300 - 2600 MHz 0.7mm Height Profile 50 Ohm to 2 x 100 Ohm 802.11 b+g +n Compliant Low Insertion Loss Input to Output DC Isolation Surface Mountable Tape & Reel Non-conductive Surface RoHS Compliant
Parameter Frequency Unbalanced Port Impedance Balanced Port Impedance Return Loss Insertion Loss* Amplitude Balance Phase Balance CMRR Power Handling Operating Temperature
Min. 2300
Typ. 50 200 18 0.9 0.4 3 29
Max 2600
12
1.1 0.8 9 2 +85
-55
Unit MHz dB dB dB Degrees dB Watts C
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 C)
Outline Drawing
Top View (Near-side) .027.002 [0.700.05] .029.004 [0.750.10] .020 [0.52] 1 2 3 .008 [0.20] 6 5 4 .010 [0.24] Side View Bottom View (Far-side) .020 [0.50]
.059.004 [1.500.10]
Orientation Marker Denotes Pin Location
Dimensions are in Inches [Millimeters] Mechanical Outline
Pin 1 2 3 4 5 6
Designation Unbalanced Port DC Bias/GND Balanced Port Balanced Port GND GND
Tolerances are Non-Cumulative
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Model BD2326L50200A00
Rev C
Typical Broadband Performance: 500 MHz. to 8000 MHz.
Return Loss - Input
0 -3 -6 -9 -12 -15
[dB]
Amplitude Balance
2 1.5 1 0.5
[dB]
-18 -21 -24 -27 -30 -33 -36 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000
0 -0.5 -1 -1.5 -2 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500
7500
Frequency [MHz]
Frequency [MHz]
Insertion Loss
0 -5 -10
[dB]
Phase Balance
20 15 10 5
deg
-15 -20 -25 -30 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000
0 -5 -10 -15 -20 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 8000
Frequency [MHz]
Frequency [MHz]
CMRR
0 -3 -6 -9 -12 -15
[dB]
-18 -21 -24 -27 -30 -33 -36 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000
Frequency [MHz]
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.
8000
Model BD2326L50200A00
Rev C
Typical Performance: 2200 MHz. to 2700 MHz.
Return Loss - Input
0 -3 -6 -9 -12 -15
[dB]
Amplitude Balance
2 1.5 1 0.5
[dB]
-18 -21 -24 -27 -30 -33 -36 2200 2250 2300 2350 2400 2450 2500 2550 2600 2650 2700
0 -0.5 -1 -1.5 -2 2200 2250 2300 2350 2400 2450 2500 2550 2600 2650 2650 2700 2700
Frequency [MHz]
Frequency [MHz]
Insertion Loss
0 -0.3 -0.6 -0.9 -1.2 -1.5
[dB]
Phase Balance
20 15 10 5
deg
-1.8 -2.1 -2.4 -2.7 -3 -3.3 -3.6 2200 2250 2300 2350 2400 2450 2500 2550 2600 2650 2700
0 -5 -10 -15 -20 2200 2250 2300 2350 2400 2450 2500 2550 2600
Frequency [MHz]
Frequency [MHz]
CMRR
0 -3 -6 -9 -12 -15
[dB]
-18 -21 -24 -27 -30 -33 -36 2200 2250 2300 2350 2400 2450 2500 2550 2600 2650 2700
Frequency [MHz]
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Model BD2326L50200A00
Rev C
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet published specifications. All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/oC. An example of the PCB footprint used in the testing of these parts is shown below. An example of a DC-biased footprint is also shown below. In specific designs, the transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances.
No Bias Footprint
6X .013 [0.34]
DC Bias Footprint
6X .013 [0.34]
2X .006 [0.16] Part Orientation (Top View) .012 [0.31]
DC Bias Part Orientation (Top View)
6X .011 [0.29]
6X .011 [0.29]
6X .002 [0.05] 3X Transmission Line Circuit Pattern Footprint Pad (s) Solder Resist Dimensions are in Inches [Millimeters] 0603 Standaard Mounting Footprint
6X .002 [0.05]
.012 [0.31] Plated thru holes to ground
Plated thru holes to ground
3X Transmission Line Circuit Pattern Footprint Pad (s) Solder Resist
2X .006 [0.16]
Dimensions are in Inches [Millimeters] 0603 DC Bias Mounting Footprint
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.
Model BD2326L50200A00
Rev C
Packaging and Ordering Information
Parts are available in reel and are packaged per EIA 481-2. Parts are oriented in tape and reel as shown below. Minimum order quantities are 4000 per reel. See Model Numbers below for further ordering information.
OA
OC
OD
QUANTITY/REEL 4000
TABLE 1 REEL DIMENSIONS (inches [mm]) OA 7.00 [177.8] B 0.32 [8.0] OC 2.0 [50.8] OD 0.512 [13.0]
B
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Model BD2326L50200A00
Rev C
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.


▲Up To Search▲   

 
Price & Availability of B0110A7575P00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X